Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD1412 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STOD1412
Description  Step-up and inverting DC-DC converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1412 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STOD1412 Datasheet HTML 8Page - STMicroelectronics STOD1412 Datasheet HTML 9Page - STMicroelectronics STOD1412 Datasheet HTML 10Page - STMicroelectronics STOD1412 Datasheet HTML 11Page - STMicroelectronics STOD1412 Datasheet HTML 12Page - STMicroelectronics STOD1412 Datasheet HTML 13Page - STMicroelectronics STOD1412 Datasheet HTML 14Page - STMicroelectronics STOD1412 Datasheet HTML 15Page - STMicroelectronics STOD1412 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical application
STOD1412
12/21
6
Typical application
Figure 5.
Typical application circuit
Table 6.
External components (see
Figure 5.)
Symbol
Parameter
Min
Typ.
Max
Unit
L1
Inductor
4.7
µH
L2
Inductor
6.8
µH
CI
Ceramic capacitor SMD
2.2
µF
C3
Ceramic capacitor SMD – OPTIONAL
1
µF
C01,2
Ceramic capacitor SMD
4.7
µF
CFb
Ceramic capacitor SMD
22
nF
CREF
Ceramic capacitor SMD
1
µF
R1
Feedback resistors
470
k
Ω
R2
Feedback resistors
166
k
Ω
R3
Feedback resistor
533
k
Ω
R4
Feedback resistor
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com