Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD1412 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STOD1412
Description  Step-up and inverting DC-DC converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1412 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STOD1412 Datasheet HTML 10Page - STMicroelectronics STOD1412 Datasheet HTML 11Page - STMicroelectronics STOD1412 Datasheet HTML 12Page - STMicroelectronics STOD1412 Datasheet HTML 13Page - STMicroelectronics STOD1412 Datasheet HTML 14Page - STMicroelectronics STOD1412 Datasheet HTML 15Page - STMicroelectronics STOD1412 Datasheet HTML 16Page - STMicroelectronics STOD1412 Datasheet HTML 17Page - STMicroelectronics STOD1412 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Typical performance characteristics
STOD1412
14/21
Figure 12.
VFB2 on inverting vs. temperature
Figure 13.
Line VFB2 on inverting vs.
temperature
Figure 14.
Load transient response (step-up)
Figure 15.
Line transient response
VIN=3.7V, IOUT=3mA to 30mA, TRISE=TFALL=30µs, T=25°C
VIN=3V to 3.5V, IOUT1,2 = 120mA, TRISE=TFALL=50µs,
T=25°C
Figure 16.
Start-up voltage
VIN=0V to 2.5V, T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com