Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWD100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWD100
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100 Datasheet(HTML) 1 Page - STMicroelectronics

  STWD100 Datasheet HTML 1Page - STMicroelectronics STWD100 Datasheet HTML 2Page - STMicroelectronics STWD100 Datasheet HTML 3Page - STMicroelectronics STWD100 Datasheet HTML 4Page - STMicroelectronics STWD100 Datasheet HTML 5Page - STMicroelectronics STWD100 Datasheet HTML 6Page - STMicroelectronics STWD100 Datasheet HTML 7Page - STMicroelectronics STWD100 Datasheet HTML 8Page - STMicroelectronics STWD100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
July 2008
Rev 5
1/25
1
STWD100
Watchdog timer circuit
Features
Current consumption 13 µA typ.
Available watchdog timeout periods are
3.4 ms, 6.3 ms, 102 ms and 1.6 s
Chip-enable input
Open drain or push-pull WDO output
Operating temperature range: –40 to +125 °C
Package SOT23-5, SC70-5 (SOT323-5)
SOT23-5 (WY)
SC70-5,
SOT323-5 (W8)
www.st.com


Similar Part No. - STWD100

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
STW-00-070-1111-312 DIALIGHT-STW-00-070-1111-312 Datasheet
658Kb / 4P
DuroSite LED Area Light
STW-00-150-1111-212 DIALIGHT-STW-00-150-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
STW-00-150-1111-312 DIALIGHT-STW-00-150-1111-312 Datasheet
658Kb / 4P
DuroSite LED Area Light
STW-00-250-1111-212 DIALIGHT-STW-00-250-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
More results

Similar Description - STWD100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
logo
Maxim Integrated Produc...
MAX6814 MAXIM-MAX6814 Datasheet
631Kb / 6P
5-Pin Watchdog Timer Circuit
19-2804; Rev 1; 3/04
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com