Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDN6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STTS424E02CDN6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STTS424E02CDN6F Datasheet HTML 15Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 16Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 17Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 18Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 19Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 20Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 21Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 22Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
STTS424E02
Temperature sensor registers
19/51
4.2
Configuration register (read/write)
The 16-bit Configuration register stores various configuration modes that are used to set up
the sensor registers and configure according to application and JEDEC requirements (see
Table 8 on page 19 and Table 9 on page 20).
4.2.1
Event thresholds
All Event thresholds use hysteresis as programmed in register address 0x01 (Bits 10
through 9) to be set when they de-assert.
4.2.2
Interrupt mode
The Interrupt mode allows an event to occur where software may write a '1' to the Clear
Event bit (Bit 5) to de-assert the Event Interrupt output until the next trigger condition occurs.
4.2.3
Comparator mode
Comparator mode enables the device to be used as a thermostat. READs and WRITEs on
the device registers will not affect the Event output in Comparator mode. The Event signal
will remain asserted until temperature drops outside the range or is re-programmed to make
the current temperature “out of range”.
4.2.4
Shutdown mode
The STTS424E02 features a Shutdown mode which disables all power-consuming activities
(e.g. temperature sampling operations), and leaves the serial interface active. This is
selected by setting Shutdown bit (Bit 8) to '1'. In this mode, the devices consume the
minimum current (ISHDN), as shown in Table 27 on page 40.
Note:
Bit 8 cannot be set to '1' while Bits 6 and 7 (the lock bits) are set to '1'.
The device may be enabled for continuous operation by clearing Bit 8 to '0'. In Shutdown
mode, all registers may be read or written to. Power recycling will also clear this bit and
return the device to continuous mode as well.
Table 8.
Configuration register format
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
RFU
RFU
RFU
RFU
RFU
Hysteresis Hysteresis
Shutdown
mode
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Critical
lock bit
Alarm lock
bit
Clear
event
Event output
status
Event output
control
Critical
event only
Event
polarity
Event
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com