Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDN6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # STTS424E02CDN6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STTS424E02CDN6F Datasheet HTML 18Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 19Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 20Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 21Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 22Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 23Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 24Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 25Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Temperature sensor registers
STTS424E02
22/51
4.2.5
Event output pin functionality
The Event outputs can be programmed to be configured as either a comparator output or as
an interrupt. This is done by enabling the Output Control bit (Bit 3) and setting the Event
mode bit (Bit 0). The output pin polarity can also be specified as active-high or active-low by
setting the Event polarity bit (Bit 1).
When the Hysteresis bits (Bits 10 and 9) are enabled, hysteresis may be used to sense
temperature movement around trigger points. For example, when using the “Above Alarm
window” bit (Temperature register Bit 14, see Table 12 on page 24) and hysteresis is set to
3°C, as the temperature rises, Bit 14 is set (Bit 14 = 1). The temperature is above the alarm
window and the Temperature register contains a value that is greater than the value set in
the Alarm Temperature Upper Boundary register (see Table 15 on page 25).
If the temperature decreases, Bit 14 will remain set until the measured temperature is less
than or equal to the value in the Alarm Temperature Upper Boundary register minus 3°C
(see Figure 8 on page 21 and Table 10 on page 21 for details.
Similarly, when using the “Below Alarm window” bit (Temperature register Bit 13, see
Table 12 on page 24) will be set to '0'. The temperature is equal to or greater than the value
set in the Alarm Temperature Lower Boundary register (see Table 16 on page 26). As the
temperature decreases, Bit 13 will be set to '1' when the value in the Temperature register is
less than the value in the Alarm Temperature Lower Boundary register minus 3°C (see
Figure 8 on page 21 and Table 10 on page 21 for details.
The device will retain the previous state when entering the Shutdown mode. If the device
enters the Shutdown mode while the EVENT pin is low, the Shutdown current will increase
due to the additional event output pull-down current.
Note:
Hysteresis is also applied to the EVENT pin functionality. When either of the Lock bits (Bits 6
and 7) are set, these bits cannot be altered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com