Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02BDA3E Datasheet(PDF) 28 Page - STMicroelectronics

Part # STTS424E02BDA3E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA3E Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STTS424E02BDA3E Datasheet HTML 24Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 25Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 26Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 27Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 28Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 29Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 30Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 31Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
SPD EEPROM operation
STTS424E02
28/51
5
SPD EEPROM operation
5.1
2 Kb SPD EEPROM operation
The 2 Kbit serial EEPROM is able to lock permanently the data in its first half (from location
00h to 7Fh). This facility has been designed specifically for use in DRAM DIMMs (Dual in
line Memory Modules) with Serial Presence Detect. All the information concerning the
DRAM module configuration (such as its access speed, its size, its organization) can be
kept write protected in the first half of the memory.
The first half of the memory area can be write-protected using two different software write
protection mechanisms. By sending the device a specific sequence, the first 128 bytes of
the memory become write protected: permanently or resetable.
These I2C-compatible electrically erasable programmable memory (EEPROM) devices are
organized as 256x8 bits.
I2C uses a two wire serial interface, comprising a bi-directional data line and a clock line.
The device carries a built-in 4-bit Device Type Identifier code (1010) in accordance with the
I2C bus definition to access the memory area and a second Device Type Identifier Code
(0110) to define the protection. These codes are used together with the voltage level applied
on the three chip enable inputs (A2, A1, A0). These input signals are used to set the value
that is to be looked for on the three least significant bits (b3, b2, b1) of the 7-bit Device
Select Code. In the end application, A0, A1 and A2 must be directly (not through a pull-up or
pull-down resistor) connected to VDD or VSS to establish the Device Select Code. When
these inputs are not connected, an internal pull-down circuitry makes (A0,A1,A2) = (0,0,0).
The A0 input is used to detect the VHV voltage, when decoding an SWP or CWP instruction
(refer to Table 20: Device select code).
The device behaves as a slave device in the I2C protocol, with all memory operations
synchronized by the serial clock. Read and Write operations are initiated by a START
condition, generated by the bus master. The START condition is followed by a Device Select
Code and RW bit (as described in Table 20: Device select code), terminated by an
acknowledge bit.
When writing data to the memory, the memory inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way. Data transfers are
terminated by a STOP condition after an Ack for WRITE, and after a NoAck for READ.
5.2
Internal device reset - SPD EEPROM
In order to prevent inadvertent Write operations during Power-up, a Power On Reset (POR)
circuit is included.
At Power-up (phase during which VDD is lower than VDDmin but increases continuously), the
device will not respond to any instruction until VDD has reached the Power On Reset
threshold voltage (this threshold is lower than the minimum VDD operating voltage defined in
Table 2: AC SMBus and I2C compatibility timings). Once VDD has passed the POR
threshold, the device is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com