Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02BDA3E Datasheet(PDF) 49 Page - STMicroelectronics

Part # STTS424E02BDA3E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA3E Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STTS424E02BDA3E Datasheet HTML 43Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 44Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 45Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 46Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 47Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 48Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 49Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 50Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
STTS424E02
Landing pattern
49/51
Table 31 lists variations of landing pattern implementations, ranked as “Preferred” and
Minimum Acceptable” based on the JEDEC proposal.
Table 31.
Parameters for landing pattern - TDFN package (DN)
Parameter
Description
Dimension
Min
Nom
Max
D2
Heat paddle width
1.40
-
1.60
E2
Heat paddle height
1.40
-
1.60
E3
Heat paddle centerline to contact inner locus
1.00
-
-
L
Contact length
0.70
-
0.80
K
Heat paddle to contact keepout
0.20
-
-
K2
Contact to contact keepout
0.20
-
-
e
Contact centerline to contact centerline pitch for inner contacts
-
0.50
-
b
Contact width for inner contacts
0.25
-
0.30
e2
Landing pattern centerline to outer contact centerline, “minimum
acceptable” option(1)
-0.50-
b2
Corner contact width, “minimum acceptable option”(1)
0.25
-
0.30
e4
Landing pattern centerline to outer contact centerline, “preferred”
option(2)
-0.60-
b4
Corner contact width, “preferred” option(2)
0.45
-
0.50
1.
Minimum acceptable option to be used when routing prevents preferred width contact.
2.
Preferred option to be used when possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com