Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDA3E Datasheet(PDF) 27 Page - STMicroelectronics

Part # STTS424E02CDA3E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDA3E Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STTS424E02CDA3E Datasheet HTML 23Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 24Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 25Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 26Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 27Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 28Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 29Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 30Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
STTS424E02
Temperature sensor registers
27/51
4.5
Manufacturer ID register (read-only)
The Manufacturer’s ID (Programmed Value 104Ah) in this register is the STMicroelectronics
Identification provided by the Peripheral Component Interconnect Special Interest Group
(PCiSIG).
4.6
Device ID and device revision ID register (read-only)
The Device IDs and Device revision IDs are maintained in this register. The register format
is shown in Table 19. The Device IDs and Device revision IDs are currently '0' and will be
incremented whenever an update of the device is made.
Table 18.
Manufacturer ID register format
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
00
010
00
0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
01
001
01
0
Table 19.
Device ID and device revision ID register format
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
00
000
00
0
Device ID
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0(1)
1.
DA package, bit0 is 0 (see Table 27 on page 40).
DN package, bit0 is 1 (see Table 27 on page 40).
00
000
00
0 or 1
Device revision ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com