Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDA3E Datasheet(PDF) 41 Page - STMicroelectronics

Part # STTS424E02CDA3E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDA3E Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STTS424E02CDA3E Datasheet HTML 37Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 38Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 39Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 40Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 41Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 42Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 43Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 44Page - STMicroelectronics STTS424E02CDA3E Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
STTS424E02
DC and AC parameters
41/51
B-grade
Accuracy for corresponding range
2.7 V
≤ VDD ≤ 3.6 V
+75°C < TA < +95
±0.5
±1.0
°C
+40°C < TA <+ 125
±1.0
±2.0
°C
-40°C < TA < +125
±2.0
±3.0
°C
Resolution
10-bit temperature data
0.25
°C/L
SB
10
bits
tCONV
Conversion time
10-bit
125
ms
THYS
Hysteresis
Default value
500
mV
VOL1
Low level voltage
EVENT;
IOL = 2.1 mA
0.4
V
SMBus/I2C interface
VIH
Input logic high
SCL, SDA, A0-A2
2.1
V
VIL
Input logic low
SCL, SDA, A0-A2
0.8
V
CIN
SMBus/I2C input capacitance
5
pF
fSCL
SMBus/I2C clock frequency
DA package
10
100
kHz
DN package
10
400
kHz
ttimeout SMBus timeout
25
50
ms
VHV
Allowable voltage on pin A0
10
V
LAO
Leakage on pin A0
In overvoltage state
500
µA
VOL2
Low level voltage SDA
IOL = 6 mA
0.6
V
ZAIL
(A0, A1, A2) input impedance
VIN < 0.3 VCC
30
k
Ω
ZAIH
(A0, A1, A2) input Impedance
VIN > 0.7 VCC
800
k
Ω
TA
Ambient operating temperature:
DA package
-40
85
°C
DN package
-40
125
°C
1.
Guaranteed operating temperature for DA package: TA = –40°C to 85°C and for DN package: TA = –40°C to 125°C;
VDD = 2.7 V to 3.6 V (except where noted).
2.
Typical numbers taken at VDD = 3.3 V, TA = 25°C.
3.
DN is TDFN package max 0.80 mm height.
DA is DFN package max 0.90 mm height.
Table 27.
DC/AC characteristics - temperature sensor component with EEPROM (continued)
Sym
Description
Test condition(1)
Min
Typ(2) Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com