Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1431 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TL1431
Description  Programmable voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TL1431 Datasheet HTML 8Page - STMicroelectronics TL1431 Datasheet HTML 9Page - STMicroelectronics TL1431 Datasheet HTML 10Page - STMicroelectronics TL1431 Datasheet HTML 11Page - STMicroelectronics TL1431 Datasheet HTML 12Page - STMicroelectronics TL1431 Datasheet HTML 13Page - STMicroelectronics TL1431 Datasheet HTML 14Page - STMicroelectronics TL1431 Datasheet HTML 15Page - STMicroelectronics TL1431 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
TL1431
14/16
6
Ordering information
Table 8.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TL1431CD
TL1431CDT
-20°C, +70°C
SO-8
Tube or
tape and reel
1431C
TL1431ACD
TL1431ACDT
1431AC
TL1431CZ
TL1431CZT
TL1431CZ-AP
TO92
Bulk or
Tape or
Ammopack
TL1431C
TL1431ACZ
TL1431ACZT
TL1431ACZ-AP
TL1431AC
TL1431ID
TL1431IDT
-40°C, + 105°C
SO-8
Tube or
tape and reel
1431I
TL1431AID
TL1431AIDT
1431AI
TL1431IZ
TL1431ZT
TL1431IZ-AP
TO92
Bulk or
Tape or
Ammopack
TL1431I
TL1431AIZ
TL1431AIZT
TL1431AIZ-AP
TL1431AI
TL1431IYD(1)
TL1431IYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q 002 or equivalent are on-going.
SO-8
(Automotive grade)
Tube or
tape and reel
1431IY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com