Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1431 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL1431
Description  Programmable voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431 Datasheet(HTML) 4 Page - STMicroelectronics

  TL1431 Datasheet HTML 1Page - STMicroelectronics TL1431 Datasheet HTML 2Page - STMicroelectronics TL1431 Datasheet HTML 3Page - STMicroelectronics TL1431 Datasheet HTML 4Page - STMicroelectronics TL1431 Datasheet HTML 5Page - STMicroelectronics TL1431 Datasheet HTML 6Page - STMicroelectronics TL1431 Datasheet HTML 7Page - STMicroelectronics TL1431 Datasheet HTML 8Page - STMicroelectronics TL1431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
TL1431
4/16
3
Electrical characteristics
Table 3.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
TL1431C
TL1431AC
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference input voltage - see Figure 4
VKA = Vref , Ik = 10 mA
2.490 2.500 2.510 2.493 2.500 2.507
V
ΔVref
Reference input voltage deviation over
temperature range (1) - see Figure 4
VKA = Vref, Ik = 10 mA, Tmin ≤ Tamb ≤ Tmax
320
3
20
mV
Temperature coefficient of reference input
voltage(2)
VKA = Vref, Ik = 10 mA, Tmin ≤Tamb ≤ Tmax
±13
±90
±13
±90
ppm/°C
Ratio of change in reference input voltage to
change in cathode to anode voltage - see
Figure 5
Ik = 10mA - ΔVKA = 36V to 3V
-2
-1.1
-2
-1.1
mV/V
Iref
Reference input current
Ik = 10mA, R1 = 10kΩ, R2 = ∞
Tmin ≤ Tamb ≤ Tmax
1.5
2.5
3
1.5
2.5
3
µA
ΔIref
Reference input current deviation over
temperature range
Ik = 10mA, R1 = 10kΩ, R2 =∞, Tmin ≤ Tamb ≤ Tmax
0.2
1.2
0.2
1.2
µA
Imin
Minimum cathode current for regulation - Figure 4
VKA = Vref
0.5
1
0.5
0.6
mA
Ioff
Off-state cathode current - see Figure 6
180
500
180
500
nA
⏐ ZKA⏐
Dynamic impedance (3)
VKA = Vref , ΔIk = 1 to100mA, f ≤ 1kHz
0.20.5
0.20.5
Ω
1.
See Reference input voltage deviation over temperature range in Section 4: Parameter definitions on page 9.
2.
See Temperature coefficient of reference input voltage in Section 4: Parameter definitions on page 9.
3.
See Dynamic impedance in Section 4: Parameter definitions on page 9.
ΔVref
ΔT
----------------
ΔVref
ΔVka
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com