Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWD100PPWY3F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STWD100PPWY3F
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100PPWY3F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STWD100PPWY3F Datasheet HTML 13Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 14Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 15Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 16Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 17Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 18Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 19Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 20Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
STWD100
DC and AC parameters
17/25
Table 4.
DC and AC characteristics
Sym
Description
Test condition(1)
Min
Typ
Max
Unit
VCC
Operating voltage
2.7
5
5.5
V
ICC
VCC supply current
13
26
µA
ILO
Open drain output leakage current
from output to the GND or VCC
–1
+1
µA
Input leakage current (WDI)
–1
+1
µA
VIH
Input high voltage (WDI, EN)0.7 VCC
V
VIL
Input low voltage (WDI, EN)0.3 VCC
V
VOL
Output low voltage (WDO)
VCC ≥ 2.7 V, ISINK = 1.2 mA
0.3
V
VCC ≥ 4.5 V, ISINK = 3.2 mA
0.4
V
VOH
Output high voltage (WDO) (push-pull
only)
VCC ≥ 2.7 V, ISOURCE = 500 µA
0.8 VCC
V
VCC ≥ 4.5 V, ISOURCE = 800 µA
0.8 VCC
V
Enable pin ( EN)
EN input pulse width
1
µs
EN glitch rejection
100
ns
EN-to-WDO delay(2)
200
ns
EN pull-down resistance
32
63
100
k
Ω
Watchdog Timer
VSTART Timer startup voltage
1.9
2.2
2.7
V
tWD
Watchdog timeout period
STWD100xP
2.3
3.4
4.6
ms
STWD100xW
4.3
6.3
8.6
ms
STWD100xX
71
102
142
ms
STWD100xY
1.12
1.6
2.24
s
tPW
Watchdog active time
140
210
280
ms
WDI-to-WDO delay(3)
150
ns
WDI pulse width
1
µs
WDI glitch rejection
100
ns
1.
Valid for ambient operating temperature: TA = –40 to 125 °C; VCC = 2.7 V to 5.5 V except where noted.
2.
WDO will assert for minimum of 10 µs even if EN transitions high.
3.
WDO will assert for minimum of 10 µs regardless of transition on WDI (valid for STWD100xP only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com