Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWD100PPWY3F Datasheet(PDF) 22 Page - STMicroelectronics

Part # STWD100PPWY3F
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100PPWY3F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STWD100PPWY3F Datasheet HTML 17Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 18Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 19Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 20Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 21Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 22Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 23Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 24Page - STMicroelectronics STWD100PPWY3F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Part numbering
STWD100
22/25
7
Part numbering
Table 7.
Ordering information scheme
Note:
Contact local ST sales office for availability of device versions other than
STWD100NPWY3F.
Example:
STWD100
N
P
WY
3
F
Device type
STWD100
Output type
N: Open drain (active low)
P: Push-pull (active low)
Device version
P: tWD = 3.4 ms, tPW = tWD = 3.4 ms
W: tWD = 6.3 ms, tPW = 210 ms
X: tWD = 102 ms, tPW = 210 ms
Y: tWD = 1.6 s, tPW = 210 ms
Package
WY: SOT23-5
W8: SC70-5 (SOT323-5)
Temperature range
3: –40 to +125 °C
Shipping method
E: ECOPACK
® package, tubes
F: ECOPACK
® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com