Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431IZT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS431IZT
Description  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431IZT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS431IZT Datasheet HTML 2Page - STMicroelectronics TS431IZT Datasheet HTML 3Page - STMicroelectronics TS431IZT Datasheet HTML 4Page - STMicroelectronics TS431IZT Datasheet HTML 5Page - STMicroelectronics TS431IZT Datasheet HTML 6Page - STMicroelectronics TS431IZT Datasheet HTML 7Page - STMicroelectronics TS431IZT Datasheet HTML 8Page - STMicroelectronics TS431IZT Datasheet HTML 9Page - STMicroelectronics TS431IZT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
TS431
6/12
Figure 14.
Pulse response at Ik=100μA
Figure 15.
Test circuit for pulse response at
Ik=100μA
0
1
23
45
6
7
8
9
10
Time (µs)
0
1
2
3
Input voltage
Output voltage
Ik=100µA
50
Ω
18K
Ω
Pulse
Generator
f=100KHz
Figure 16.
Pulse response at Ik=1mA
Figure 17.
Test circuit for pulse response at
Ik=1mA
Figure 18. Equivalent input noise vs. frequency
0
1
2
3
4567
Time (µs)
0
1
2
3
Input voltage
Output voltage
Ik=1mA
50
Ω
1.8K
Ω
Pulse
Generator
f=100KHz
0.1
1
10
100
1000
Frequency (KHz)
0
50
100
150
200
250
Vka = Vref
Ik = 100 µA
T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com