Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431IZT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS431IZT
Description  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431IZT Datasheet(HTML) 5 Page - STMicroelectronics

  TS431IZT Datasheet HTML 1Page - STMicroelectronics TS431IZT Datasheet HTML 2Page - STMicroelectronics TS431IZT Datasheet HTML 3Page - STMicroelectronics TS431IZT Datasheet HTML 4Page - STMicroelectronics TS431IZT Datasheet HTML 5Page - STMicroelectronics TS431IZT Datasheet HTML 6Page - STMicroelectronics TS431IZT Datasheet HTML 7Page - STMicroelectronics TS431IZT Datasheet HTML 8Page - STMicroelectronics TS431IZT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS431
Electrical characteristics
5/12
Figure 8.
Off-state current vs. temperature
Figure 9.
Test circuit for off-state current
measurement
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
50
100
150
200
Input
Vka=6V
Ioff
Figure 10.
Ratio of change in reference input
voltage to change in VKA voltage
vs. temperature
Figure 11. Test circuit for VKA > Vref
-40
-20
0
2040
6080
100
120
Temperature (°C)
-3
-2
-1
0
Ik = 10mA
Vka = 6V to Vref
Input
Ik
Vka = Vref . (1+R1/R2) + Iref . R1
Vka
R1
R2
Iref
Vref
Figure 12.
Phase and gain vs. frequency
Figure 13.
Test circuit for phase and gain
measurement
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
-150
-100
-50
0
50
100
150
Gain
Phase
Input
Vref
Ik=100µA
Output
10µF
10µF
6.8K
4.3K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com