Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN7NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN7NF10
Description  N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN7NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STN7NF10 Datasheet HTML 1Page - STMicroelectronics STN7NF10 Datasheet HTML 2Page - STMicroelectronics STN7NF10 Datasheet HTML 3Page - STMicroelectronics STN7NF10 Datasheet HTML 4Page - STMicroelectronics STN7NF10 Datasheet HTML 5Page - STMicroelectronics STN7NF10 Datasheet HTML 6Page - STMicroelectronics STN7NF10 Datasheet HTML 7Page - STMicroelectronics STN7NF10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
December 2002
STN7NF10
N-CHANNEL 100V - 0.055
Ω -5A SOT-223
LOW GATE CHARGE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.055 Ω
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STN7NF10
100 V
< 0.065
Ω
5A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
100
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
100
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuous) at TC = 25°C
5A
ID
Drain Current (continuous) at TC = 100°C
3.4
A
IDM ( )
Drain Current (pulsed)
20
A
PTOT
Total Dissipation at TC = 25°C
3.3
W
Derating Factor
0.026
W/°C
Tstg
Storage Temperature
–55 to 150
°C
Tj
Operating Junction Temperature
SOT-223
1
2
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STN7NF10

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN7120DN STANSON-STN7120DN Datasheet
879Kb / 6P
N Channel Enhancement Mode MOSFET
logo
STMicroelectronics
STN715 STMICROELECTRONICS-STN715 Datasheet
57Kb / 5P
NPN MEDIUM POWER TRANSISTORS
Apr-2002
STN715 STMICROELECTRONICS-STN715 Datasheet
138Kb / 8P
NPN low voltage transistors
08-Feb-2010
STN724 STMICROELECTRONICS-STN724 Datasheet
130Kb / 10P
NPN MEDIUM POWER TRANSISTORS
12-Oct-2005
STN724 STMICROELECTRONICS-STN724 Datasheet
216Kb / 11P
NPN medium power transistors
17-Jul-2006
More results

Similar Description - STN7NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
Feb-2003
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
Jan-1999
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STS5NS150 STMICROELECTRONICS-STS5NS150 Datasheet
277Kb / 8P
N-CHANNEL 150V - 0.075 ohm - 5A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
May-2002
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
STN4NF20L STMICROELECTRONICS-STN4NF20L Datasheet
611Kb / 12P
N-channel 200 V, 1.1 Ω, 1 A SOT-223 low gate charge STripFET™II Power MOSFET
11-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com