Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN7NF10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN7NF10
Description  N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN7NF10 Datasheet(HTML) 3 Page - STMicroelectronics

  STN7NF10 Datasheet HTML 1Page - STMicroelectronics STN7NF10 Datasheet HTML 2Page - STMicroelectronics STN7NF10 Datasheet HTML 3Page - STMicroelectronics STN7NF10 Datasheet HTML 4Page - STMicroelectronics STN7NF10 Datasheet HTML 5Page - STMicroelectronics STN7NF10 Datasheet HTML 6Page - STMicroelectronics STN7NF10 Datasheet HTML 7Page - STMicroelectronics STN7NF10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STN7NF10
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =50 V,ID =12A
RG = 4.7Ω VGS =10 V
(see test circuit, Figure 3)
58
ns
tr
Rise Time
45
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =80 V,ID =24A,
VGS =10 V
30
6
10
41
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD =50 V,ID =12 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 3)
49
17
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
5
A
ISDM (1)
Source-drain Current (pulsed)
20
A
VSD (2)
Forward On Voltage
ISD = 5 A, VGS =0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 5 A, di/dt = 100A/µs,
VDD =30 V,Tj = 150°C
(see test circuit, Figure 5)
100
375
7.5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com