Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC05
Description  HEX INVERTER (OPEN DRAIN)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC05 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC05 Datasheet HTML 1Page - STMicroelectronics 74VHC05 Datasheet HTML 2Page - STMicroelectronics 74VHC05 Datasheet HTML 3Page - STMicroelectronics 74VHC05 Datasheet HTML 4Page - STMicroelectronics 74VHC05 Datasheet HTML 5Page - STMicroelectronics 74VHC05 Datasheet HTML 6Page - STMicroelectronics 74VHC05 Datasheet HTML 7Page - STMicroelectronics 74VHC05 Datasheet HTML 8Page - STMicroelectronics 74VHC05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2004
s
HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 05
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC05 is an advanced high-speed CMOS
OPEN DRAIN HEX INVERTER fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC05
HEX INVERTER (OPEN DRAIN)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC05MTR
TSSOP
74VHC05TTR
TSSOP
SOP
Rev. 5


Similar Part No. - 74VHC05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
HEX INVERTER OPEN DRAIN
Jun-1999
logo
Toshiba Semiconductor
74VHC05FT TOSHIBA-74VHC05FT Datasheet
149Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-16 Rev.4.0
logo
STMicroelectronics
74VHC05M STMICROELECTRONICS-74VHC05M Datasheet
53Kb / 7P
HEX INVERTER OPEN DRAIN
Jun-1999
74VHC05T STMICROELECTRONICS-74VHC05T Datasheet
53Kb / 7P
HEX INVERTER OPEN DRAIN
Jun-1999
More results

Similar Description - 74VHC05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
HEX INVERTER OPEN DRAIN
Jun-1999
74VHCT05A STMICROELECTRONICS-74VHCT05A Datasheet
148Kb / 8P
HEX INVERTER (OPEN DRAIN)
Jun-2001
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
HEX INVERTER OPEN DRAIN
Feb-1993
M74HC05 STMICROELECTRONICS-M74HC05 Datasheet
168Kb / 8P
HEX INVERTER OPEN DRAIN
Jul-2001
logo
Toshiba Semiconductor
TC74VHC05F TOSHIBA-TC74VHC05F Datasheet
209Kb / 5P
HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05_05 Datasheet
84Kb / 7P
Hex Inverter (Open Drain)
logo
Toshiba Semiconductor
TC74VHC05F TOSHIBA-TC74VHC05F_07 Datasheet
256Kb / 9P
Hex Inverter (open drain)
logo
STMicroelectronics
74VHCT05A STMICROELECTRONICS-74VHCT05A_04 Datasheet
215Kb / 11P
HEX INVERTER (OPEN DRAIN)
16-Dec-2004
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
Hex Inverter (open drain)
logo
ON Semiconductor
MM74HCT05 ONSEMI-MM74HCT05 Datasheet
334Kb / 9P
Hex Inverter (Open Drain)
March 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com