Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5363 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Datasheet(HTML) 1 Page - STMicroelectronics

  VT5363 Datasheet HTML 1Page - STMicroelectronics VT5363 Datasheet HTML 2Page - STMicroelectronics VT5363 Datasheet HTML 3Page - STMicroelectronics VT5363 Datasheet HTML 4Page - STMicroelectronics VT5363 Datasheet HTML 5Page - STMicroelectronics VT5363 Datasheet HTML 6Page - STMicroelectronics VT5363 Datasheet HTML 7Page - STMicroelectronics VT5363 Datasheet HTML 8Page - STMicroelectronics VT5363 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
January 2007
Rev 4
1/23
23
VT5363
Single-chip USB/PS2 optical mouse
Features
Suitable for use with both LED and laser
(VCSEL) light sources
Single chip design with minimal support
circuitry
USB and PS2 operation
Single +5 V supply
No mechanical moving parts required
800 cpi resolution (400 cpi selectable)
9600 frames per second
Tracking at up to 40 ips
Up to 5 switch inputs and scroll wheel
Possible customizing for VID, PID and
descriptor string with external EEPROM
Proven, high volume package technology
Description
The VT5363 optical tracking sensor is a complete
solid state tracking engine with no moving parts.
This single chip optical mouse sensor provides
excellent control and precision and works on a
wide range of surfaces.
The VT5363 supports 2, 3 or 5 button mouse
designs with a mechanical scroll wheel encoder. It
contains a dual USB/PS2 interface with automatic
interface selection and may be powered directly
from the USB or PS2 port. A single 6MHz
resonator provides all the clock requirements and
a minimum of additional passive components are
required.
An external EEPROM may be used to implement
customer specific USB configurations (PID, VID
and descriptor string).
The VT5363 sensor operates over a wide range
of illuminant wavelengths. For devices operating
at approximately 850nm (IR LED or VCSEL), the
on-die automatic exposure controller (AEC)
compensates for the change in sensitivity
compared to 640nm (red LED). Motion
performance can be improved by increasing the
current supplied to the navigation LED.
A specifically designed optical system with
integrated light guide and lens is available. This
has been optimized for low cost, space saving
and ease of mouse manufacture. No kapton tape
is required in the assembly process.
Applications
Optical USB/PS2 mouse for desktop PC,
workstation and laptop
Technical specifications
Resolution
800 CPI (400 selectable)
Pixel size
30.4 µm
Array size
20*20 pixels
Frame rate
9600 frames/second
High Speed
Motion Detector
Accurate motion up to 40 ips
Clock
6 MHz resonator
Supply voltage
5V
direct from USB or PS2 port
Supply current
15mA (typ.)
(excludes LED)
Operating
temperature
[0: 60] °C
Package type
7*7mm 32 lead LOQFP(1)
1.
LOQFP: Low profile Optical Quad Flat Pack
www.st.com


Similar Part No. - VT5363

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
VT5363V032 STMICROELECTRONICS-VT5363V032 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
More results

Similar Description - VT5363

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
3D USBPS2 Mouse
June 14, 2000
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
Single Chip USB Optical Mouse Sensor
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
Single Chip USB Optical Mouse Sensor
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
USB OPTICAL MOUSE SINGLE CHIP
PAW3552DB PIXART-PAW3552DB Datasheet
1Mb / 8P
USB/PS2 Optical Mouse SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com