Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5363 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Datasheet(HTML) 4 Page - STMicroelectronics

  VT5363 Datasheet HTML 1Page - STMicroelectronics VT5363 Datasheet HTML 2Page - STMicroelectronics VT5363 Datasheet HTML 3Page - STMicroelectronics VT5363 Datasheet HTML 4Page - STMicroelectronics VT5363 Datasheet HTML 5Page - STMicroelectronics VT5363 Datasheet HTML 6Page - STMicroelectronics VT5363 Datasheet HTML 7Page - STMicroelectronics VT5363 Datasheet HTML 8Page - STMicroelectronics VT5363 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Introduction
VT5363
4/23
1
Introduction
The VT5363 sensor is a single-chip solid state optical tracking engine with no moving parts.
It allows the creation of a high performance, fully featured mouse with the minimum of
external components. The device provides excellent navigation control and precision and
works on a wide range of surfaces.
VT5363 incorporates features that simplify product design and reduce time to market. By
minimizing the number of external components, the mouse manufacturer has flexibility for
layout and product design.
ST has worked with optical component suppliers to produce a single piece light guide with
integrated lens, and recommendations for a compatible LED. Details of the optics and LED
are included in this datasheet.The main functional blocks of the VT5363 are shown in
Figure 1.
Figure 1.
VT5363 block diagram
TRK_LED
DP / CLOCK
DN / DATA
Optional
5V to 3.3V
regulator
3V3 to 1V8A
regulator
USB/PS2
interface
3V3 to 1V8D
regulator
5V SUPPLY
Pixel Array
Controller
6 MHz resonator
Z-wheel
AVDD
DVDD
PULLUP
switches
LED control
(USB or PS2)
EEPROM
SCL
SDA
OPTIONAL
VT5363
LNK_LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com