Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-376-E02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV-376-E02
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-376-E02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV-376-E02 Datasheet HTML 5Page - STMicroelectronics STV-376-E02 Datasheet HTML 6Page - STMicroelectronics STV-376-E02 Datasheet HTML 7Page - STMicroelectronics STV-376-E02 Datasheet HTML 8Page - STMicroelectronics STV-376-E02 Datasheet HTML 9Page - STMicroelectronics STV-376-E02 Datasheet HTML 10Page - STMicroelectronics STV-376-E02 Datasheet HTML 11Page - STMicroelectronics STV-376-E02 Datasheet HTML 12Page - STMicroelectronics STV-376-E02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VT5376
Interface
9/30
4
Interface
The interface is 400 kHz I2C, with very fast polling rate for high CPI applications (down to
1 ms period).
4.1
Protocol
Figure 3.
Serial interface data transfer protocol
4.2
Data format
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit. The
internal data is produced by sampling sda at a rising edge of scl. The external data must be
stable during the high period of scl. The exceptions to this are start (S) or stop (P) conditions
when sda falls or rises respectively, while scl is high.
The first byte contains the device address byte which includes the data direction read, (r),
~write, (~w), bit.
Figure 4.
VT5376 serial interface address
The byte following the address byte contains the address of the first data byte (also referred
to as the index).
12
7
8
A
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
56
Address or data byte
MSB
LSB
001
00
00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com