Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-376-E02 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV-376-E02
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-376-E02 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV-376-E02 Datasheet HTML 17Page - STMicroelectronics STV-376-E02 Datasheet HTML 18Page - STMicroelectronics STV-376-E02 Datasheet HTML 19Page - STMicroelectronics STV-376-E02 Datasheet HTML 20Page - STMicroelectronics STV-376-E02 Datasheet HTML 21Page - STMicroelectronics STV-376-E02 Datasheet HTML 22Page - STMicroelectronics STV-376-E02 Datasheet HTML 23Page - STMicroelectronics STV-376-E02 Datasheet HTML 24Page - STMicroelectronics STV-376-E02 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
VT5376
General features
21/30
Figure 11.
Image streaming timing diagram
7.6
Optical centre
The optical centre of the VT5376 is NOT in the centre of the package. It is offset by
-0.232 mm in the X axis and +0.217 mm in the Y axis with respect to the centre of the
package as shown in Figure 12. The PCB designer must take this into account when laying
out the PCB.
Figure 12.
VT5376 optical centre
Laser_NEN (FST)
VGate_On (NIB_EVEN)
Reset_Out (NIB_ODD)
Motion (48MHz QCLK)
6
7
4
5
2
3
0
1
pixel_0[7:0]
reconstructed pixel data
pixel_1[7:0]
pixel_399[7:0]
Optical centre (-0.232mm, +0.217mm)
mechanical centre
of package (0,0)
Pin 1 marking
TOP VIEW OF VT5376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com