Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC157 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC157
Description  QUAD 2 CHANNEL MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC157 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC157 Datasheet HTML 1Page - STMicroelectronics 74VHC157 Datasheet HTML 2Page - STMicroelectronics 74VHC157 Datasheet HTML 3Page - STMicroelectronics 74VHC157 Datasheet HTML 4Page - STMicroelectronics 74VHC157 Datasheet HTML 5Page - STMicroelectronics 74VHC157 Datasheet HTML 6Page - STMicroelectronics 74VHC157 Datasheet HTML 7Page - STMicroelectronics 74VHC157 Datasheet HTML 8Page - STMicroelectronics 74VHC157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
November 2004
s
HIGH SPEED: tPD = 4.1 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 157
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC157 is an advanced high-speed
CMOS
QUAD
2-CHANNEL
MULTIPLEXER
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
It consists of four 2-input digital multiplexer with
common
select and
strobe
inputs. It is
a
non-inverting multiplexer. When the STROBE
input is held high selection of data is inhibited and
all the outputs become
low. The
SELECT
decoding determines whether the A or B inputs
get routed to their corresponding Y outputs.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V. All inputs and outputs
are equipped with protection circuits against static
discharge, giving them 2KV ESD immunity and
transient excess voltage.
74VHC157
QUAD 2 CHANNEL MULTIPLEXER
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC157MTR
TSSOP
74VHC157TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Jun-1999
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157 ONSEMI-74VHC157 Datasheet
339Kb / 12P
Quad 2-Input Multiplexer
May 2007 Rev. 1.2
logo
Toshiba Semiconductor
74VHC157FT TOSHIBA-74VHC157FT Datasheet
173Kb / 9P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
More results

Similar Description - 74VHC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Jun-1999
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com