Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC245
Description  OCTAL BUS TRANSCEIVER (3-STATE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC245 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC245 Datasheet HTML 1Page - STMicroelectronics 74VHC245 Datasheet HTML 2Page - STMicroelectronics 74VHC245 Datasheet HTML 3Page - STMicroelectronics 74VHC245 Datasheet HTML 4Page - STMicroelectronics 74VHC245 Datasheet HTML 5Page - STMicroelectronics 74VHC245 Datasheet HTML 6Page - STMicroelectronics 74VHC245 Datasheet HTML 7Page - STMicroelectronics 74VHC245 Datasheet HTML 8Page - STMicroelectronics 74VHC245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
November 2004
s
HIGH SPEED: tPD = 4.0 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON
CONTROL INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 245
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (MAX.)
DESCRIPTION
The 74VHC245 is an advanced high-speed
CMOS OCTAL BUS TRANSCEIVER (3-STATE)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
This IC is intended for two-way asynchronous
communication
between
data
busses;
the
direction of data transmission is determined by
DIR input. The enable input G can be used to
disable the device so that the busses are
effectively isolated.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
All floating bus terminals during High Z State must
be held HIGH or LOW.
74VHC245
OCTAL BUS
TRANSCEIVER (3-STATE)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC245MTR
TSSOP
74VHC245TTR
TSSOP
SOP
Rev. 6


Similar Part No. - 74VHC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC245 STMICROELECTRONICS-74VHC245 Datasheet
66Kb / 8P
OCTAL BUS TRANSCEIVER 3-STATE
Jun-1999
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
Octal Bidirectional Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Nexperia B.V. All right...
74VHC245 NEXPERIA-74VHC245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74VHC245BQ NEXPERIA-74VHC245BQ Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results

Similar Description - 74VHC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com