Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST4
Description  AC power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST4_07 Datasheet HTML 3Page - STMicroelectronics ACST4_07 Datasheet HTML 4Page - STMicroelectronics ACST4_07 Datasheet HTML 5Page - STMicroelectronics ACST4_07 Datasheet HTML 6Page - STMicroelectronics ACST4_07 Datasheet HTML 7Page - STMicroelectronics ACST4_07 Datasheet HTML 8Page - STMicroelectronics ACST4_07 Datasheet HTML 9Page - STMicroelectronics ACST4_07 Datasheet HTML 10Page - STMicroelectronics ACST4_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACST4
AC line transient voltage ruggedness
7/13
Figure 13.
Relative variation of critical rate of
decrease of main current versus
junction temperature.
Figure 14.
Surge peak on-state current versus
number of cycles.
0
1
2
3
4
5
6
25
50
75
100
125
Tj(°C)
V
out=300V
(dI/dt)c [Tj] / (dI/dt)c [Tj = 125°C]
0
5
10
15
20
25
30
35
1
10
100
1000
Number of cycles
Non repetitive
T
j initial=25°C
Repetitive
T
C=100°C
t=20ms
I
(A)
TSM
Figure 15.
Non repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and
corresponding value of I2t.
Figure 16.
On-state characteristics (maximum
values).
Figure 17.
Thermal resistance junction to
ambient versus copper surface
under tab (printed circuit board
FR4, copper thickness: 35 µm).
1
10
100
1000
0.01
0.10
1.00
10.00
tp(ms)
T
j initial=25°C
dI/dt limitation:
50A/µs
I
TSM
I²t
I
(A), I²t (A²s)
TSM
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
TM
Tj max. :
V
to= 0.90 V
R
d= 100 mΩ
T
j=25°C
T
j=125°C
I
(A)
TM
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
S(cm²)
DPAK
IPAK
Rth(j-a)(°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com