Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST4
Description  AC power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4 Datasheet(HTML) 5 Page - STMicroelectronics

  ACST4_07 Datasheet HTML 1Page - STMicroelectronics ACST4_07 Datasheet HTML 2Page - STMicroelectronics ACST4_07 Datasheet HTML 3Page - STMicroelectronics ACST4_07 Datasheet HTML 4Page - STMicroelectronics ACST4_07 Datasheet HTML 5Page - STMicroelectronics ACST4_07 Datasheet HTML 6Page - STMicroelectronics ACST4_07 Datasheet HTML 7Page - STMicroelectronics ACST4_07 Datasheet HTML 8Page - STMicroelectronics ACST4_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ACST4
AC line transient voltage ruggedness
5/13
3
AC line transient voltage ruggedness
The ACST4 switch is able to sustain safely the AC line transient voltages either by clamping
the low energy spikes or by breaking over under high energy shocks, even with high turn-on
current rises.
The test circuit of the Figure 6. is representative of the final ACST application and is also
used to stress the ACST switch according to the IEC 61000-4-5 standard conditions. Thanks
to the load, the ACST switch sustains the voltage spikes up to 2 kV above the peak line
voltage. It will break over safely even on resistive load where the turn on current rate of rise,
is as high as shown on Figure 7. Such non-repetitive test can be done 10 times on each AC
line voltage polarity.
Figure 3.
Overvoltage ruggedness test
circuit for resistive and inductive
loads according to IEC 61000-4-5
standards.
R = 150
Ω, L = 10 µH, V
PP = 2 kV.
Figure 4.
Current and voltage of the ACST4
during IEC 61000-4-5 standard test
with R, L and VPP.
L
R
VAC +VPP
SURGE VOLTAGE
AC LINE & GENERATOR
RG = 220
Ω
COM
OUT
G
ACST4
Figure 5.
Maximum power dissipation versus
RMS on-state current.
Figure 6.
RMS on-state current versus case
temperature.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(RMS)
α=180°
P(W)
180°
α
α
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
Tc(°C)
α=180°
DPAK
IPAK
TO-220FPAB
I
(A)
T(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com