Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208SC6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DALC208SC6
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button DALC208SC6 Datasheet HTML 2Page - STMicroelectronics DALC208SC6 Datasheet HTML 3Page - STMicroelectronics DALC208SC6 Datasheet HTML 4Page - STMicroelectronics DALC208SC6 Datasheet HTML 5Page - STMicroelectronics DALC208SC6 Datasheet HTML 6Page - STMicroelectronics DALC208SC6 Datasheet HTML 7Page - STMicroelectronics DALC208SC6 Datasheet HTML 8Page - STMicroelectronics DALC208SC6 Datasheet HTML 9Page - STMicroelectronics DALC208SC6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Technical information
DALC208
6/14
Important
A precaution to take is to put the protection device as close as possible to the disturbance
source (generally the connector).
Note:
The measurements have been done with the DALC208SC6 in open circuit.
Figure 9.
ESD behavior: optimized layout and
add of a capacitance of 100 nF
Figure 10.
ESD behavior: measurement
conditions (with coupling
capacitance)
REF1=GND
VI/O
ESD
SURGE
I/O
REF2=+Vcc
C=100nF
Lw
Vcl+ = Vcc+Vf
-Vf
surge >0
surge <0
Vcl- =
t
Vcl+
POSITIVE
SURGE
t
Vcl-
NEGATIVE
SURGE
+5V
TEST BOARD
DALC
208
ESD
SURGE
Figure 11.
Remaining voltage after the
DALC208SC6 during positive ESD
surge
Figure 12.
Remaining voltage after the
DALC208SC6 during negative ESD
surge
IEC61000-4-2
Air Discharge
(150pF/330
Ω)
Vpp=15kV
IEC61000-4-2
Air Discharge
(150pF/330
Ω)
Vpp=15kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com