Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208SC6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # DALC208SC6
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button DALC208SC6 Datasheet HTML 5Page - STMicroelectronics DALC208SC6 Datasheet HTML 6Page - STMicroelectronics DALC208SC6 Datasheet HTML 7Page - STMicroelectronics DALC208SC6 Datasheet HTML 8Page - STMicroelectronics DALC208SC6 Datasheet HTML 9Page - STMicroelectronics DALC208SC6 Datasheet HTML 10Page - STMicroelectronics DALC208SC6 Datasheet HTML 11Page - STMicroelectronics DALC208SC6 Datasheet HTML 12Page - STMicroelectronics DALC208SC6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DALC208
Application examples
9/14
4
Application examples
Figure 19.
Video line protection
Figure 22.
Another way to connect the DALC208SC6
Pin N°
Signal
1
RED VIDEO
2
GREEN VIDEO
or COMPOSITE SYNC with GREEN VIDEO
3
BLUE VIDEO
4
GROUND
5
DDC (Display Data Channel) GROUND
6
RED GROUND
7
GREEN GROUND
8
BLUE GROUND
9
NC
10
SYNC GROUND
11
GROUND
12
SDA (Sérial Data)
13
HORIZONTAL SYNC
or COMPOSITE SYNC
14
VERTICAL SYNC (VCLK)
15
SCL (Serial Clock)
DALC
208
+Vcc
1
15
5
DALC
208
+Vcc
100nF
100nF
Figure 20.
T1/E1 protection
Figure 21.
USB port protection
DALC
208
+Vcc
100nF
DATA
TRANSCEIVER
SMP75-8
SMP75-8
Tx
Rx
USB
TRANS-
CEIVER
USB
TRANS-
CEIVER
DALC
208
+V
1.5k
(1)
1.5k
(2)
+V
VBUS
D+
D-
GND
VBUS
D+
D-
GND
15k
15k
(1) Full speed
only
(2) Low speed
only
100nF
Note It is absolutely necessary to connect
the pin 5 (REF1) to GND !
DALC208
I/O2
I/O1
I/O3
I/O4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com