Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2-4BX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA14V2-4BX
Description  Quad bidirectional Transil array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BX Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA14V2-4BX Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 7Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 3
1/8
ESDA14V2-4BF3
Quad bidirectional Transil™ array for ESD protection
Features
■ 4 Bidirectional Transil functions
■ ESD Protection: IEC61000-4-2 level 4
■ Stand off voltage: 12 V Min.
■ Low leakage current < 0.5 µA
■ 50 W Peak pulse power (8/20 µs)
Benefits
■ High ESD protection level
■ High integrationSuitable for high density
boards
■ Suitable for high density boards
Complies with the following standards:
■ IEC 61000-4-2
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883E- Method 3015-7: class3
– 25 kV (human body model)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
■ Computers
■ Printers
■ Communication systems and cellular phones
■ Video equipment
TM: Transil is ASD a trademark of STMicroelectronics.
Figure 1.
Pin layout (bump side)
Figure 2.
Configuration
Description
The ESDA14V2-4BF3 is a monolithic array
designed to protect up to 4 lines in a bidirectional
way against ESD transients.The device is ideal for
situations where board space saving is
requested.
This device is particularly adapted to the
protection of symmetrical signals.
Flip Chip
(5 bumps)
A
B
C
31
2
GND
A1
A3
B2
C1
C3
www.st.com


Similar Part No. - ESDA14V2-4BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2-4BX STMICROELECTRONICS-ESDA14V2-4BX Datasheet
115Kb / 8P
Quad bidirectional Transi array for ESD protection
16-Apr-2008
More results

Similar Description - ESDA14V2-4BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF1 STMICROELECTRONICS-ESDA14V2-4BF1 Datasheet
151Kb / 9P
QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
27-May-2004
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6_04 Datasheet
60Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6_04 Datasheet
59Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com