Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA18-1X Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA18-1X
Description  Transil, transient voltage suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1X Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA18-1X Datasheet HTML 1Page - STMicroelectronics ESDA18-1X Datasheet HTML 2Page - STMicroelectronics ESDA18-1X Datasheet HTML 3Page - STMicroelectronics ESDA18-1X Datasheet HTML 4Page - STMicroelectronics ESDA18-1X Datasheet HTML 5Page - STMicroelectronics ESDA18-1X Datasheet HTML 6Page - STMicroelectronics ESDA18-1X Datasheet HTML 7Page - STMicroelectronics ESDA18-1X Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESDA18-1F2
Characteristics
3/8
Figure 2.
Relative variation of peak pulse
power versus initial junction
temperature
Figure 3.
Peak pulse power versus
exponential pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
[T initial] / P
[T initial=25°C)
PP
j
PP
j
T (°C)
j
10
100
1000
10000
1
10
100
1000
P
(W)
PP
t (µs)
p
T initial=25°C
j
Figure 4.
Clamping voltage versus peak
pulse current (typical values,
exponential waveform)
Figure 5.
Forward voltage drop versus peak
forward current (typical values)
0.1
1.0
10.0
100.0
10
12
14
16
18
20
22
24
26
28
30
I
(A)
PP
V
(V)
CL
8/20µs
T initial=25°C
j
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
(A)
FM
V
(V)
FM
T =25°C
j
T =125°C
j
Figure 6.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 7.
Relative variation of leakage
current versus junction
temperature (typical values)
0
50
100
150
200
250
300
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
1
10
100
25
50
75
100
125
I [T ] / I [T =25°C]
Rj
Rj
T (°C)
j
V =10V
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com