Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA18-1X Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA18-1X
Description  Transil, transient voltage suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1X Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA18-1X Datasheet HTML 1Page - STMicroelectronics ESDA18-1X Datasheet HTML 2Page - STMicroelectronics ESDA18-1X Datasheet HTML 3Page - STMicroelectronics ESDA18-1X Datasheet HTML 4Page - STMicroelectronics ESDA18-1X Datasheet HTML 5Page - STMicroelectronics ESDA18-1X Datasheet HTML 6Page - STMicroelectronics ESDA18-1X Datasheet HTML 7Page - STMicroelectronics ESDA18-1X Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ESDA18-1F2
Ordering information scheme
5/8
3
Ordering information scheme
Figure 10.
Ordering information scheme
4
Packing information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 11.
Flip Chip package dimensions
ESDA
18 - 1
Fx
ESD Array
Number of line
Package
Breakdown Voltage
18 = 18 Volts max.
1 = signle line
F = Flip Chip
x = 2: Lead-free, pitch = 500 µm, bump = 315 µm
0.92 mm ± 30 µm
315 µm ± 50
500 µm ± 50
225 µm
650 µm ± 65



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com