Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1C2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC6V1C2
Description  Quad low capacitance TRANSIL array for ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1C2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC6V1C2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
ESDALC6V1C2
2/7
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge
IEC 61000-4-2 air discharge
IEC 61000-4-2 contact discharge
± 15
± 8
kV
PPP
Peak pulse power dissipation (8/20 µs. (1)
Tj initial = Tamb
25
W
Tj
Junction temperature
125
°C
Tstg
Storage temperature
- 55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5 mm for case
260
°C
TOP
Operating temperature range
- 40 to + 125
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit
Table 2.
Thermal resistance
Synbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient on printed circuit on recommended pad layout
150
°C/W
Table 3.
Electrical characteristics
Symbol
Parameter
VRM
Stand-of voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
Type
IRM @ VRM
VBR @ IR
RD
αTC
µA max
V
Vmin
Vmax
mA
Typ
10-4/°C max pFtyp @0 V
ESDALC6V1C2
0.5
3
6.1
7.2
1
1
5
12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com