Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC6V1C2
Description  Quad low capacitance TRANSIL array for ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1C2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC6V1C2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
ESDALC6V1C2
4/7
2
Ordering information scheme
3
Package information
Figure 6.
Flip-Chip dimensions
ESDA
LC
-
6V1
C2
ESD Array
Low capacitance
VBR min = 6.1 V
Package
C = Coated Flip-Chip
2 = Leadfree Pitch = 500µm, Bump = 315µm
0.95 mm ± 50µm
315 µm ± 50
500 µm ± 10
250 µm ± 10
695 µm ± 65



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com