Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1F2
Description  Quad low capacitance Transil array for ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1F2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1F2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDALC6V1F2
Characteristics
3/7
Figure 2.
Peak power dissipation versus
initial junction temperature
Figure 3.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25° C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
PP[T j initial] / PPP [T j initial=25°C]
Tj(°C)
10
100
1000
1
10
100
PPP(W)
tP(µs)
Figure 4.
Clamping voltage versus peak
pulse current (Tj initial = 25° C),
rectangular waveform tp = 2.5 µs).
Figure 5.
Capacitance versus reverse applied
voltage (typical values)
Figure 6.
Relative variation of the leakage
current versus junction
temperature (typical values)
0.1
1.0
10.0
100.0
0
5
10
15
20
25
30
35
40
45
50
IPP(A)
VCL(V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
01
2
3
456
C(pF)
VR(V)
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
I
R [Tj]/IR [Tj=25°C]
Tj(°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com