Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6V1F2
Description  Quad low capacitance Transil array for ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1F2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6V1F2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 2007
Rev 2
1/7
ESDALC6V1F2
Quad low capacitance Transil™ array for ESD protection
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems and cellular phones
■ Video equipment
This device is particularly adapted to the
protection of symmetrical signals
Features
■ 4 unidirectional Transil functions.
■ Breakdown voltage VBR = 6.1 V min.
– Low diode capacitance (12 pF @ 0 V)
– Low leakage current (< 500 nA @ 3 V)
– very small PCB area (1.25 mm2)
■ Lead free package
Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards
Description
The ESDALC6V1F2 is a monolithic array
designed to protect up to 4 lines againast ESD
transients. The device is ideal for applications
where both reduced line capacitance and board
space saving are required.
TM: Transil is a trademark of STMicroelectronics
Figure 1.
Functional diagram
Complies with the following standards:
Table 1.
Order code
Part number
Marking
ESDALC6V1F2
ED
IEC 61000-4-2
15 kV (air discharge)
8 kV (contact discharge)
MIL STD 883E - Method 3015-7: class 3
25 kV (Human body model)
Lead free Flip-Chip
(5 bumps)
B2
A1
A3
C1
C3
AB
C
1
2
3
www.st.com


Similar Part No. - ESDALC6V1F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
Single line low capacitance TRANSIL??for ESD protection
11-Jan-2007
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
logo
Shanghai Leiditech Elec...
ESDALC6V1-1BM2 LEIDITECH-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
TECH PUBLIC Electronics...
ESDALC6V1-1BM2 TECHPUBLIC-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
More results

Similar Description - ESDALC6V1F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
02-Nov-2005
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
Feb-2004
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDALC6V1C2 STMICROELECTRONICS-ESDALC6V1C2 Datasheet
88Kb / 7P
Quad low capacitance TRANSIL array for ESD protection
07-Aug-2006
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com