Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-AV01F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-AV01F3
Description  Dual audio and video line IPAD, EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-AV01F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-AV01F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF02-AV01F3
Characteristics
3/7
Figure 3.
S21 (dB) attenuation
Figure 4.
Analog crosstalk
dB
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Line 1
Line 2
F (Hz)
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Xtalk 1/2
F (Hz)
dB
Figure 5.
Digital crosstalk
Figure 6.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
(VIN) and one output (VOUT)
Vin = 1 V/d
Vout = 5 mV/d
INPUT : 10 V/Div
100 ns/Div
OUTPUT : 10 V/Div
100 ns/Div
INPUT : 10 V/Div
100 ns/Div
OUTPUT : 10 V/Div
100 ns/Div
Figure 7.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on one input
(VIN) and one output (VOUT)
Figure 8.
Line capacitance versus applied
voltage
INPUT : 10 V/Div
100 ns/Div
OUTPUT : 10 V/Div
100 ns/Div
INPUT : 10 V/Div
100 ns/Div
OUTPUT : 10 V/Div
100 ns/Div
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
2
3
4
5
6
C
LINE(nF)
F=100 kHz
V
OSC=30 mVRMS
T
j=25 °C
VLINE(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com