Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-AV01F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-AV01F3
Description  Dual audio and video line IPAD, EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-AV01F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-AV01F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
EMIF02-AV01F3
4/7
2
Ordering information scheme
Figure 9.
Ordering information scheme
3
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 10.
Package dimensions
EMIF
yy
-
xx zz
Fx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10 (pF)
or
2 letters = application
2 digits = version
F = Flip Chip
x = 3: lead free, pitch = 400 µm, bump = 255 µm
910 µm ± 30 µm
255 µm ± 40
400 µm ± 40
605 µm ± 55
255 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com