Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC02F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC02F3
Description  2-line IPAD, EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC02F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC02F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 2
1/8
EMIF02-MIC02F3
2-line IPAD™, EMI filter including ESD protection
Features
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency EMI filtering
■ Lead-free package
■ Very low PCB space consumption: 0.9 mm2
■ Very thin package: 0.60 mm
■ High efficiency ESD suppression
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC61000-4-2 level 4 on external pins:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC61000-4-2 level 1 on internal pins:
– 2 kV (air discharge)
– 2 kV (contact discharge)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ Mobile phones and communication systems
■ Computers, printers and MCU Boards
Description
The EMIF02-MIC02F3 is a highly integrated
device designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic
interference.
This filter includes ESD protection circuitry, which
prevents damage to the protected device when
subjected to ESD surges up 15 kV.
Figure 1.
Pin layout (bump side)
Figure 2.
Basic cell configuration
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
(6 bumps)
B
1
2
3
A
I1
E1
GND
GND
I2
E2
I1
E1
I2
E2
GND
GND
GND
Low-pass Filter
Ri/o = 470
Cline = 16 pF
Ω
www.st.com


Similar Part No. - EMIF02-MIC02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
More results

Similar Description - EMIF02-MIC02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
Single line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
2-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_10 Datasheet
195Kb / 8P
2-line IPAD?? EMI filter including ESD protection
08-Feb-2010
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com