Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC02F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-MIC02F3
Description  2-line IPAD, EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC02F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-MIC02F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC02F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application information
EMIF02-MIC02F3
4/8
2
Application information
Figure 10.
Aplac model
Figure 11.
Aplac parameters
Figure 9.
Line capacitance versus applied voltage
0
2
4
6
8
10
12
14
16
18
01
23
45
678
9
10
11
12
V
(V)
LINE
CLINE (pF)
Rbump
Rbump
Lbump
Lbump
MODEL = D3
Rbump
Lbump
Rbump
Lbump
Rgnd
Lgnd
Rbump
Lbump
Rbump
Lbump
Rgnd
Lgnd
MODEL = D1
MODEL = D2
MODEL = D1
MODEL = D2
Rline
Rline
E2
E1
I1
I2
50
Port1
Port2
50
Ls
Rs
Rs
Ls
E1
I1
Variables
aplacvar Rline 490
aplacvar C_d1 11p
aplacvar C_d2 5p
aplacvar C_d3 240p
aplacvar L 2pH
aplacvar Ls 950pH
aplacvar Rs 150m
aplacvar Lbump 50pH
aplacvar Rbump 20m
aplacvar Lgnd 80pH
aplacvar Rgnd 100m
Diode D3
BV=7
CJO=c_d3
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.47
VJ=0.6
TT=50n
Diode D2
BV=7
CJO=c_d2
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.85
VJ=0.6
TT=50n
Diode D1
BV=7
CJO=c_d1
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.85
VJ=0.6
TT=50n



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com