Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC03F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-MIC03F2
Description  2 LINE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-MIC03F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMIF02-MIC03F2
4/6
®
Aplac model
Aplac parameters
ORDER CODE
model = D1
model = D2
model = D2
IN1
model = D1
OUT1
Rbump Lbump
Lbump Rbump
Rmic
Lmic
Rbump Lbump
Lbump Rbump
Rmic
Lmic
model = D3
IN2
OUT2
GND
Lsub
Rsub
Rbump
Lbump
Lgnd
Rgnd
Cgnd
GND
EMIF02-MIC03F1 model
Ground return
Model D1
CJO=Cdiode1
BV=7
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.7
VJ=0.6
TT=50n
Model D3
CJO=Cdiode3
BV=7
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.12
VJ=0.6
TT=50n
Model D2
CJO=Cdiode2
BV=7
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.3
VJ=0.6
TT=50n
aplacvar Rmic 68
aplacvar Lmic 10p
aplacvar Cdiode1 100pF
aplacvar Cdiode2 3.6pF
aplacvar Cdiode3 1.17nF
aplacvar Lbump 50pH
aplacvar Rbump 20m
aplacvar Rsub 0.5m
aplacvar Rgnd 10m
aplacvar Lgnd 50pH
aplacvar Cgnd 0.15pF
aplacvar Lsub 10pH
EMIF
yy
F
x
-
xxx
zz
EMI Filter
Number of lines
x: resistance value (Ohms) z: capacitance value / 10(pF)
or
Application (3 letters) and Version (2 digits)
Flip Chip
1: Pitch = 500µm
Bump = 315µm
2: Leadfree Pitch = 500µm
Bump = 315µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com