Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA5V3SC5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA5V3SC5
Description  Quad Transil array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5V3SC5 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA5V3SC5_07 Datasheet HTML 1Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 2Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 3Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 4Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 5Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 6Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 7Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 8Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Application information
ESDAxxSCx
4/11
2
Application information
2.1
Calculation of the clamping voltage use of the dynamic
resistance
The ESDA family has been designed to clamp fast spikes like ESD. Generally the PCB
designers need to calculate easily the clamping voltage V
CL. This is why we give the
dynamic resistance in addition to the classical parameters. The voltage across the
protection cell can be calculated with the following formula:
V
CL = VBR + Rd IPP
Where I
PP is the peak current through the ESDA cell.
As the value of the dynamic resistance remains stable for a surge duration lower than 20 µs,
the 2.5 µs rectangular surge is well adapted. In addition both rise and fall times are
optimized to avoid any parasitic phenomenon during the measurement of R
d.
2.2
Dynamic resistance measurement
The short duration of the ESD has led us to prefer a more adapted test wave, as below
defined, to the classical 8/20µs and 10/1000 µs surges.
Figure 9.
2.5 µs duration measurement wave
Figure 7.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 8.
Peak forward voltage drop versus
peak forward current
(typical values)
25
50
75
100
125
1
10
100
500
ESDA14V2SC5/SC6
&
ESDA6V1SC5/SC6
ESDA5V3SC5/SC6
ESDA25SC6
ESDA17SC6
&
ESDA19SC6
T (°C)
j
I [T ] / I [T =25°C]
Rj
Rj
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.10
1.00
5.00
ESDA25SC6
ESDA17SC6
ESDA5V3SC5/SC6
ESDA14V2SC5/SC6
&
ESDA6V1SC5/SC6
ESDA19SC6
I
(A)
FM
V
(V)
FM
T = 25°C
j
2µs
tp = 2.5µs
t
I
Ipp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com