Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA5V3SC5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA5V3SC5
Description  Quad Transil array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5V3SC5 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA5V3SC5_07 Datasheet HTML 1Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 2Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 3Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 4Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 5Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 6Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 7Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 8Page - STMicroelectronics ESDA5V3SC5_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2007
Rev 9
1/11
11
ESDAxxSCx
Quad Transil™ array for ESD protection
Features
4 unidirectional Transil Functions
Low leakage current: IR max. < 20 µA at VRM
400 W peak pulse power (8/20 µs)
Benefits
High ESD protection level: up to 25 kV
High integration
Suitable for high density boards
Complies with the following standards:
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
MIL STD 883E- Method 3015-7: class3B
– human body model
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
Computers
Printers
Communication systems
Cellular phone handsets and accessories
Other telephone set
Set top boxes
Description
The ESDAxxSC5 and ESDAxxSC6 are monolithic
voltage suppressors designed to protect
components which are connected to data and
transmission lines against ESD.
They clamp the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transient.
Figure 1.
ESDAxxSC5 functional diagram
Figure 2.
ESDAxxSC6 functional diagram
TM: Transil is a trademark of STMicroelectronics.
SOT23-5L (SC-59)
ESDAxxSC5
SOT23-6L (SC-59)
ESDAxxSC6
1
2
3
5
4
1
2
3
6
5
4
www.st.com


Similar Part No. - ESDA5V3SC5_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
More results

Similar Description - ESDA5V3SC5_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com