Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4027M013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4027M013TR
Description  DUAL J-K MASTER SLAVE FLIP-FLOP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4027M013TR Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4027M013TR Datasheet HTML 1Page - STMicroelectronics HCF4027M013TR Datasheet HTML 2Page - STMicroelectronics HCF4027M013TR Datasheet HTML 3Page - STMicroelectronics HCF4027M013TR Datasheet HTML 4Page - STMicroelectronics HCF4027M013TR Datasheet HTML 5Page - STMicroelectronics HCF4027M013TR Datasheet HTML 6Page - STMicroelectronics HCF4027M013TR Datasheet HTML 7Page - STMicroelectronics HCF4027M013TR Datasheet HTML 8Page - STMicroelectronics HCF4027M013TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2002
s
SET RESET CAPABILITY
s
STATIC FLIP-FLOP OPERATION - RETAINS
STATE INDEFINETELY WITH CLOCK LEVEL
EITHER "HIGH" OR "LOW"
s
MEDIUM-SPEED OPERATION - 16MHz
(Typ. clock toggle rate at 10V)
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4027B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4027B is a single monolithic chip integrated
circuit
containing
two
identical
complementary-symmetry
J-K
master-slave
flip-flops.
Each
flip-flop
has
provisions
for
individual J, K, Set, Reset, and Clock input
signals. Buffered Q and Q signals are provided as
outputs. This input-output arrangement provides
for compatible operation with the HCF4013B dual
D type flip-flop.
This device is useful in performing control,
register, and toggle functions. Logic levels present
at the J and K inputs, along with internal
self-steering, control the state of each flip-flop;
changes in the flip-flop state are synchronous with
the positive-going transition of the clock pulse. Set
and Reset functions are independent of the clock
and are initiated when a high level signal is
present at either the Set or Reset input.
HCF4027B
DUAL J-K MASTER SLAVE FLIP-FLOP
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4027BEY
SOP
HCF4027BM1
HCF4027M013TR
DIP
SOP


Similar Part No. - HCF4027M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4027 STMICROELECTRONICS-HCF4027 Datasheet
286Kb / 12P
DUAL-J-K MASTER-SLAVE FLIP-FLOP
Jun-1989
HCF4027B STMICROELECTRONICS-HCF4027B Datasheet
286Kb / 12P
DUAL-J-K MASTER-SLAVE FLIP-FLOP
Jun-1989
HCF4027BC1 STMICROELECTRONICS-HCF4027BC1 Datasheet
286Kb / 12P
DUAL-J-K MASTER-SLAVE FLIP-FLOP
Jun-1989
HCF4027BEY STMICROELECTRONICS-HCF4027BEY Datasheet
286Kb / 12P
DUAL-J-K MASTER-SLAVE FLIP-FLOP
Jun-1989
HCF4027BM1 STMICROELECTRONICS-HCF4027BM1 Datasheet
286Kb / 12P
DUAL-J-K MASTER-SLAVE FLIP-FLOP
Jun-1989
More results

Similar Description - HCF4027M013TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
Dual J-K Master-Slave Flip-Flop
1996 REV 5
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
Dual J-K Master-Slave Flip-Flop
REV 6
logo
STMicroelectronics
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
DUAL-J-K MASTER-SLAVE FLIP-FLOP
Jun-1989
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
CMOS Dual J-K Master-Slave Flip-Flop
December 1992
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Texas Instruments
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
CMOS Dual J-K Master-Slave Flip-Flop
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
Dual J-K Master-Slave Flip Flop
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
CMOS Dual J-K Master-Slave Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com