Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF10-COM01C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF10-COM01C2
Description  EMI Filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01C2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF10-COM01C2 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
EMIF10-COM01C2
4/7
Figure 9.
Aplac model
1.1
PCB grounding recommendations
In order to ensure a good efficiency in terms of ESD protection and filtering behavior, we
recommend to implement microvias (100 µm dia.) between the GND bumps and the GND
layer. GND bumps can be connected together in PCB layer 1, and in addition, if possible,
use through hole vias (200 µm dia.) in both sides of filter to improve contact to GND (layer).
This layout will minimize the distance to the ground and thus parasitic inductances. In
addition, we recommend to have GND plane wherever possible.
Figure 8.
Capacitance versus reverse applied
voltage
10
20
30
40
50
012
345
VR(V)
C(pF)
F=1MHz
Vosc=30mV
Demif10 model
BV = 7
IBV = 1m
CJO = 25p
M = 0.3333
RS = 1
VJ = 0.6
TT = 100n
out
in
200R
MODEL = demif10
MODEL = demif10
sub



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com