Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF10-COM01C2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF10-COM01C2
Description  EMI Filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01C2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF10-COM01C2 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EMIF10-COM01C2
Ordering Information Scheme
5/7
2
Ordering Information Scheme
3
Package information
Figure 10.
Flip-Chip package dimensions
EMIF
yy
-
xxx zz
Cx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
C = coated flip-chip
x = 1: 500µm, Bump = 315µm
= 2: Leadfree Pitch = 500µm, Bump = 315µm
Figure 11.
Foot print recommendations
Figure 12.
Marking
2.42 mm ± 50 µm
315 µm ± 50
500 µm ± 50
695 µm ± 70
Copper pad Diameter:
250 µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 300 µm copper pad diameter
x
y
x
w
z
w
E
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com