Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4078B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4078B
Description  8 INPUT NOR/OR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4078B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4078B Datasheet HTML 1Page - STMicroelectronics HCF4078B Datasheet HTML 2Page - STMicroelectronics HCF4078B Datasheet HTML 3Page - STMicroelectronics HCF4078B Datasheet HTML 4Page - STMicroelectronics HCF4078B Datasheet HTML 5Page - STMicroelectronics HCF4078B Datasheet HTML 6Page - STMicroelectronics HCF4078B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2002
s
PROPAGATION DELAY TIME :
tPD = 75ns (TYP.) at VDD = 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4078B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4078B QUAD 2 INPUT NOR/OR GATE
provides
the
system
designer
with
direct
implementation of the positive logic 8-input NOR
and OR function and supplement the existing
family of CMOS gates.
HCF4078B
8 INPUT NOR/OR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4078BEY
SOP
HCF4078BM1
HCF4078M013TR
DIP
SOP


Similar Part No. - HCF4078B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4078B STMICROELECTRONICS-HCF4078B Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
HCF4078BC1 STMICROELECTRONICS-HCF4078BC1 Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
HCF4078BEY STMICROELECTRONICS-HCF4078BEY Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
HCF4078BM1 STMICROELECTRONICS-HCF4078BM1 Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
More results

Similar Description - HCF4078B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4078B STMICROELECTRONICS-HCC4078B Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Toshiba Semiconductor
TC74HC4078AP TOSHIBA-TC74HC4078AP Datasheet
177Kb / 4P
8-INPUT OR/NOR GATE
logo
Texas Instruments
SN54HC4078A TI-SN54HC4078A Datasheet
76Kb / 4P
8-INPUT OR/NOR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
8-INPUT NOR/OR GATE
Jul-2001
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com