Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4502B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4502B
Description  STROBED HEX INVERTER/BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4502B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4502B Datasheet HTML 1Page - STMicroelectronics HCF4502B Datasheet HTML 2Page - STMicroelectronics HCF4502B Datasheet HTML 3Page - STMicroelectronics HCF4502B Datasheet HTML 4Page - STMicroelectronics HCF4502B Datasheet HTML 5Page - STMicroelectronics HCF4502B Datasheet HTML 6Page - STMicroelectronics HCF4502B Datasheet HTML 7Page - STMicroelectronics HCF4502B Datasheet HTML 8Page - STMicroelectronics HCF4502B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCF4502B
2/9
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
3, 6, 1, 10,
13, 15
D1 to D6
Data Inputs
5, 7, 2, 9, 11,
14
Q1 to Q6
Data Outputs
4
OUTPUT
DISABLE
3-State Output Disable
Input
12
INHIBIT
Inhibit Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
DISABLE
INHIBIT
Dn
Qn
LLL
H
LL
H
L
LH
X
L
HX
X
Z
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to +22
V
VI
DC Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current
± 10
mA
PD
Power Dissipation per Package
200
mW
Power Dissipation per Output Transistor
100
mW
Top
Operating Temperature
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
3 to 20
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com