Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4502B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4502B
Description  STROBED HEX INVERTER/BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4502B Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4502B Datasheet HTML 1Page - STMicroelectronics HCF4502B Datasheet HTML 2Page - STMicroelectronics HCF4502B Datasheet HTML 3Page - STMicroelectronics HCF4502B Datasheet HTML 4Page - STMicroelectronics HCF4502B Datasheet HTML 5Page - STMicroelectronics HCF4502B Datasheet HTML 6Page - STMicroelectronics HCF4502B Datasheet HTML 7Page - STMicroelectronics HCF4502B Datasheet HTML 8Page - STMicroelectronics HCF4502B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HCF4502B
4/9
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficent for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPHL
Propagation Delay Time
(Data or Inhibit)
5
135
270
ns
10
60
120
15
40
80
tPLH
Propagation Delay Time
(Data or Inhibit)
5
190
380
ns
10
90
180
15
65
30
tPHZ
Disable Delay Time
(Output High to High
Impedance)
560
120
ns
10
40
80
15
30
60
tPZH
Disable Delay Time
(High Impedance to Output
High)
5
110
220
ns
10
50
100
15
40
80
tPLZ
Disable Delay Time
(Output Low to High
Impedance)
5
125
250
ns
10
65
130
15
55
110
tPZL
Disable Delay Time
(High Impedance to Output
Low)
5
125
250
ns
10
55
110
15
40
80
tTLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
tTHL
Transition Time
5
60
120
ns
10
30
60
15
20
40



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com