Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4510B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4510B
Description  PRESETTABLE BCD UP/DOWN COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4510B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4510B Datasheet HTML 2Page - STMicroelectronics HCF4510B Datasheet HTML 3Page - STMicroelectronics HCF4510B Datasheet HTML 4Page - STMicroelectronics HCF4510B Datasheet HTML 5Page - STMicroelectronics HCF4510B Datasheet HTML 6Page - STMicroelectronics HCF4510B Datasheet HTML 7Page - STMicroelectronics HCF4510B Datasheet HTML 8Page - STMicroelectronics HCF4510B Datasheet HTML 9Page - STMicroelectronics HCF4510B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HCF4510B
6/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) Time required after the falling edge of the reset or preset enable inputs before the rising edge of the clock will trigger the counter (similar
to setup time)
(2) If more than unit is cascaded in the parallel clocked application, trCL should be made less than or equal to the sum of the fixed propagation
delay at 15pF and the transition time of the carry output driving stage for the estimated capacitive load.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPHL tPLH Propagation Delay Time
Clock to Q Output
5
200
400
ns
10
100
200
15
75
150
tPHL tPLH Propagation Delay Time
Preset or Reset to Q
Output
5
210
420
ns
10
105
210
15
80
160
tPHL tPLH Propagation Delay Time
Clock to Carry Out
5
240
480
ns
10
120
240
15
90
180
tPHL tPLH Propagation Delay Time
Carry in to Carry Out
5
125
250
ns
10
60
120
15
50
100
tPHL tPLH Propagation Delay Time
Preset or Reset to Carry
Out
5
320
640
ns
10
160
320
15
125
250
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
fMAX
Maximum Clock
Frequency
52
4
MHz
10
4
8
15
5.5
11
tW
Clock Pulse Width
5
150
ns
10
75
15
60
tREM
(1)
Preset Enable or Reset
Removal Time
5150
ns
10
80
15
60
tr , tf
(2)
Clock Rise or Fall Time
5
15
µs
10
5
15
5
tsetup
Carry in Setup Time
5
130
ns
10
60
15
45
tsetup
Up/Down Setup Time
5
360
ns
10
160
15
110
tW
Preset Enable or Reset
Pulse Width
5220
ns
10
100
15
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com