Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4510B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4510B
Description  PRESETTABLE BCD UP/DOWN COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4510B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4510B Datasheet HTML 1Page - STMicroelectronics HCF4510B Datasheet HTML 2Page - STMicroelectronics HCF4510B Datasheet HTML 3Page - STMicroelectronics HCF4510B Datasheet HTML 4Page - STMicroelectronics HCF4510B Datasheet HTML 5Page - STMicroelectronics HCF4510B Datasheet HTML 6Page - STMicroelectronics HCF4510B Datasheet HTML 7Page - STMicroelectronics HCF4510B Datasheet HTML 8Page - STMicroelectronics HCF4510B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2002
s
MEDIUM SPEED OPERATION :
8 MHz (Typ.) at 10V
s
SYNCHRONOUS INTERNAL CARRY
PROPAGATION
s
RESET AND PRESET CAPABILITY
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4510B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP package.
It
is
a
PRESETTABLE
BCD
UP/DOWN
COUNTER
consists
of
four
synchronously
clocked D-type flip-flops (with a gating structure to
provide T-type flip-flop capability) connected as a
counter. This counter can be cleared by a high
level on the RESET line, and can be preset to any
binary number present on the jam inputs by a high
level on the PRESET ENABLE line. This device
will count out of non-BCD counter states in a
maximum of two clock pulses in the up mode and
a maximum of four clock pulses in the down mode.
If the CARRY IN input is held low, the counter
advances up or down on each positive going clock
transition.
Synchronous
cascading
is
accomplished by connecting all clock inputs in
parallel and connecting the CARRY OUT of a less
significant stage to the CARRY IN of a more
significant stage. HCF4510B can be cascaded in
the ripple mode by connecting all clock inputs in
parallel and connecting the CARRY OUT to the
clock of the next stage. If the UP/DOWN input
changes during a terminal count, the CARRY OUT
must be gated with the clock, and the UP/DOWN
input must change while the clock is high. This
method provides a clean clock signal to the
subsequent counting stage.
HCF4510B
PRESETTABLE BCD UP/DOWN COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4510BEY
DIP


Similar Part No. - HCF4510B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
HCF4510BEY STMICROELECTRONICS-HCF4510BEY Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
HCF4510BM013TR STMICROELECTRONICS-HCF4510BM013TR Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
HCF4510BM1 STMICROELECTRONICS-HCF4510BM1 Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
More results

Similar Description - HCF4510B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
logo
System Logic Semiconduc...
SL4029B SLS-SL4029B Datasheet
84Kb / 8P
Presettable Up/Down Counter
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
Presettable BCD/Decade UP/DOWN Counter
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Sep-2002
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com